PART |
Description |
Maker |
B4226 B39202-B4226-U810 |
2 FUNCTIONS, 1960 MHz, SAW FILTER SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
|
EPCOS AG EPCOS[EPCOS]
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
WF679B |
1 FUNCTIONS, 1960 MHz, SAW FILTER
|
NIHON DEMPA KOGYO CO LTD
|
FAR-F6CP-1G4890-D208 FAR-F5CP-881M50-D204 FAR-F5CP |
1 FUNCTIONS, 1441 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 881.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz)
|
FUJITSU LTD
|
856417 |
1960 MHz SAW Filter
|
TRIQUINT[TriQuint Semiconductor]
|
TA0175B |
SAW Filter 1960 MHz for Mobile Communication
|
TAI-SAW TECHNOLOGY CO.,...
|
TA0246A |
SAW Filter 1960 MHz for Mobile Communication
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0175H |
SAW Filter 1960 MHz SMD 3X3 mm
|
http://
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
B39202-B7717-K910 B7717 |
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
|
EPCOS[EPCOS]
|
B39202-B9403-K610 B9403 |
SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
|
EPCOS[EPCOS]
|